Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX15 Datasheet(PDF) 4 Page - Power-One

Part # IMX15
Description  15 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMX15 Datasheet(HTML) 4 Page - Power-One

  IMX15 Datasheet HTML 1Page - Power-One IMX15 Datasheet HTML 2Page - Power-One IMX15 Datasheet HTML 3Page - Power-One IMX15 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Edition 4/04.2001
Board Mountable
IMX 15, IMY 15 Series
Pin allocation
Pin1
Standard and Option Z
Option K
Option C
Option L
single
double
-0503-
dual
single
dual
single
double
1
Vi+
Vi+
Vi+
Vi+
Vi+
Vi+
Vi+
Vi+
2Vi–
Vi–
Vi–
Vi–
Vi–
Vi–
Vi–
Vi–
3
-
Trim
n.c.
-
Vo+
Vo+
n.c.
Trim
4
SDSDSD
SD
-
Go
SD
SD
5
---
-
Vo–
Vo–
n.c.
n.c.
6
-
-
-
-
-
-
n.c.
n.c.
11
-
Vo1+
Vo2+
Vo+
-
-
n.c.
Vo1
12
-
Vo1–
Go
-
-
-
n.c.
Vo1–
13
Vo+
Vo2+
Vo1+
Go
-
-
Vo+
Vo2+
15
Vo–
Vo2–
Go
Vo–
--
Vo–
Vo2
17
R
n.c.
R
n.c.
-
-
R
n.c.
1 Pin 14 and pin 16 are not connected.
12
48.26 (1.9")
10.5 (0.41")
45.72 (1.8")
S90011
1
4
11
17
2
3
12
13
15
0.8 (0.03")
bottom view
Open frame version (option Z)
50.8 (2")
11.5 (0.45")
54.6 (2.15")
S90012
11
15
12
13
16
17
1
4
2
3
6
5
14
bottom view
SMC version (option L)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com