Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVR
Description  DUAL SCHMITT-TRIGGER BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G17DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G17DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Recommended Operating Conditions
(1)
SN74LVC2G17
www.ti.com............................................................................................................................................... SCES381I – JANUARY 2002 – REVISED OCTOBER 2009
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC2G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com