Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVR
Description  DUAL SCHMITT-TRIGGER BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G17DBVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G17DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Operating Characteristics
SN74LVC2G17
www.ti.com............................................................................................................................................... SCES381I – JANUARY 2002 – REVISED OCTOBER 2009
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
17
18
19
21
pF
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC2G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com