Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4000 Datasheet(PDF) 1 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 1 Page - Power-One

  LS4000 Datasheet HTML 1Page - Power-One LS4000 Datasheet HTML 2Page - Power-One LS4000 Datasheet HTML 3Page - Power-One LS4000 Datasheet HTML 4Page - Power-One LS4000 Datasheet HTML 5Page - Power-One LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
1/27
100 Watt AC-DC Converters with PFC
S Series
• Universal input voltage range
• Power factor
>0.95, harmonics <IEC/EN 61000-3-2
• Input over- and undervoltage lock-out
• Efficient input filter and built-in surge and transient
suppression circuitry
• Fully isolated outputs
• Outputs overload, open- and short-circuit proof
• No derating over entire operating temperature range
Safety according to IEC/EN 60950
Table of Contents
Page
Summary .......................................................................... 1
Type Survey and Key Data .............................................. 2
Type Key .......................................................................... 2
Functional Description ...................................................... 3
Electrical Input Data ......................................................... 4
Electrical Output Data ...................................................... 6
Auxiliary Functions ......................................................... 11
Summary
The S 4000/S 5000 series of AC-DC converters represents
a flexible range of power supplies for use in advanced elec-
tronic systems. Features include full power factor correc-
tion, high efficiency, high reliability, low output voltage noise
and excellent dynamic response to load/line changes.
The converter inputs are protected against surges and tran-
sients occurring at the source lines. An input over- and
undervoltage lock-out circuitry disables the outputs if the
input voltage is outside the specified range. Inrush current
limitation is included preventing circuit breakers and fuses
from being damaged at switch-on.
All outputs are overload, open- and short-circuit proof and
are protected against overvoltages by means of a built-in
suppressor diode. The outputs can be inhibited by a logic
signal applied to the connector pin 18 (i). If the inhibit func-
tion is not used pin 18 must be connected to pin 14 to en-
able the outputs.
LED indicators display the status of the converter and allow
visual monitoring of the system at any time.
Full input to output, input to case, output to case and output
to output isolation is provided. The modules are designed
and built according to the international safety standards
IEC/EN 60950 and have been approved by the safety
agencies LGA (Germany) and UL (USA). The UL Mark for
Canada has been officially recognized by regulatory au-
thorities in provinces across Canada.
The case design allows operation at nominal load up to
71
°C in a free air ambient temperature. If forced cooling is
provided, the ambient temperature may exceed 71
°C but
the case temperature must remain below 95
°C under all
conditions.
A temperature sensor generates an inhibit signal which
disables the outputs if the case temperature
TC exceeds
the limit. The outputs are automatically re-enabled when
the temperature drops below the limit.
Various options are available to adapt the converters to in-
dividual applications.
The modules may either be plugged into 19" rack systems
according to DIN 41494, or be chassis mounted.
Important:
These products are intended to replace the LS 1000 and
LS 2000 in order to comply with IEC/EN 61000-3-2.
Page
Electromagnetic Compatibility (EMC) ............................ 15
Immunity to Environmental Conditions ........................... 17
Mechanical Data ............................................................ 18
Safety and Installation Instructions ................................ 19
Description of Options .................................................... 22
Accessories .................................................................... 27
168
6.6"
60
2.4"
12 TE
111
4.4"
3 U
LGA
Input voltage range from 85...264 V AC
1 or 2 isolated outputs up to 48 V DC
4 kV AC I/O electric strength test voltage


Similar Part No. - LS4000

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
Illuminated Type
logo
Micross Components
LS403 MICROSS-LS403 Datasheet
282Kb / 1P
Linear Systems replaces discontinued Siliconix U403
logo
TE Connectivity Ltd
LS403-51 TEC-LS403-51 Datasheet
363Kb / 2P
LIQUID LEVEL SENSORS
logo
DONG IL TECHNOLOGY LTD.
LS403012M DIT-LS403012M Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS403012M DIT-LS403012M Datasheet
1,005Kb / 1P
COMMON MODE CHOKE COIL
More results

Similar Description - LS4000

ManufacturerPart #DatasheetDescription
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
360 WATT AC-DC POWER SUPPLY WITH PFC
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
300 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
100 WATT AC-DC POWER SUPPLY WITH PFC
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com