Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4000 Datasheet(PDF) 2 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 2 Page - Power-One

  LS4000 Datasheet HTML 1Page - Power-One LS4000 Datasheet HTML 2Page - Power-One LS4000 Datasheet HTML 3Page - Power-One LS4000 Datasheet HTML 4Page - Power-One LS4000 Datasheet HTML 5Page - Power-One LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
2/27
Type Survey and Key Data
Non standard input/output configuration or special custom adaptions are available on request. See also:
Commercial Infor-
mation: Inquiry Form for Customized Power Supply.
Table 1: Type survey LS
Output 1
Output 2
Input Voltage Range
Efficiency 1
Options
Uo nom
Io nom
Uo nom
Io nom
Ui min...Ui max
hmin
[V DC]
[A] 2
[V DC]
[A] 2
85...255 V AC 6
[%]
5.1
16.0
LS 4001-7R
77
-9
12.0
8.0
LS 4301-7R
81
E
15.0
6.5
LS 4501-7R
83
D
24.0
4.2
LS 4601-7R
83
V 5
24.0 3
4.0
LS 5320-7R
81
P
30.0 3
3.2
LS 5540-7R
81
T
48.0 3
2.0
LS 5660-7R
81
B1
12.0
4.0
12.0 4
4.0
LS 5320-7R
81
B2
15.0
3.2
15.0 4
3.2
LS 5540-7R
81
24.0
2.0
24.0 4
2.0
LS 5660-7R
81
Type Key
Type Key
L S 5 5 40 -7 E R P D V T B1
Input voltage range
U
i: 85...255 V AC .............................. L
Series ............................................................................... S
Number of outputs (4 for single, 5 for double outputs) 4...5
Single output units:
Nominal voltage output 1 (main output)
, Uo1 nom
5.1 V .................................................... 0, 1, 2
12 V ............................................................. 3
15 V ......................................................... 4, 5
24 V ............................................................. 6
other voltages .......................................... 7, 8
Other specifications for single output modules ....... 01...99
Symmetrical double output units:
Nominal voltage output 1/output 2,
Uo1/2 nom
12 V/12 V 1 (24 V series conn.) .................. 20
15 V/15 V 1 (30 V series conn.) .................. 40
24 V/24 V 1 (48 V series conn.) .................. 60
other symmetrical voltages ................. 70...99
Operational ambient temperature range
TA:
–25...71
°C .................................................. -7
–40...71
°C .................................................. -9
customer specific .................................. -0...-6
Auxiliary functions and options:
Inrush current limitation ............................... E
Output voltage control input ........................ R 2
Potentiometer (output voltage adjustment) .. P 2
Save data signal (D0...DD, to be specified) D 3
ACFAIL signal (V2, V3) ................................ V 3, 4
Current sharing ............................................ T
Cooling plate standard case ...................... B1
Cooling plate for longe case 220 mm ........ B2
1 External wiring of main and second output depending upon the desired output configuration (see: R-Function for different output con-
figurations).
2 Feature R excludes option P and vice versa.
3 Option D excludes option V and vice versa.
4 Option V available for LS 4000 types with 5V output.
1 Efficiency at Ui nom and Io nom.
2 If the output voltages are increased above Uo nom via R-input
control, option P setting, remote sensing or option T, the output
currents must be reduced accordingly so that
Po nom is not ex-
ceeded.
3 Series connection of output 1 and 2, see: R-Function for differ-
ent output configurations.
4 Second output semi-regulated.
5 Option V for LS 4000 types with 5 V outputs.
6 For DC-input please ask your local Power-One partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com