Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321RILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LMV321RILT
Description  Low cost,low power,input/output rail-to-rail operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321RILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LMV321RILT Datasheet HTML 2Page - STMicroelectronics LMV321RILT Datasheet HTML 3Page - STMicroelectronics LMV321RILT Datasheet HTML 4Page - STMicroelectronics LMV321RILT Datasheet HTML 5Page - STMicroelectronics LMV321RILT Datasheet HTML 6Page - STMicroelectronics LMV321RILT Datasheet HTML 7Page - STMicroelectronics LMV321RILT Datasheet HTML 8Page - STMicroelectronics LMV321RILT Datasheet HTML 9Page - STMicroelectronics LMV321RILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
LMV321, LMV358, LMV324
6/16
Doc ID 11887 Rev 4
Figure 1.
Supply current/amplifier vs. supply
voltage
Figure 2.
Input bias current vs. temperature
02
46
8
Supply Voltage (V)
0
50
100
150
200
Tamb = 25°C
pp
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
-12
-10
-8
-6
-4
-2
0
Vcc = 3V
Vicm = 1.5V
Figure 3.
Input bias current vs. temperature
Figure 4.
Common mode rejection vs.
temperature
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
-12
-10
-8
-6
-4
-2
0
Vcc = 5V
Vicm = 2.5V
-50
0
50
100
150
Temperature (°C)
60
70
80
90
100
110
Vcc = 3V
Figure 5.
Common mode rejection vs.
temperature
Figure 6.
Supply voltage rejection vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 5V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com