Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321RILT Datasheet(PDF) 14 Page - STMicroelectronics

Part # LMV321RILT
Description  Low cost,low power,input/output rail-to-rail operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321RILT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LMV321RILT Datasheet HTML 8Page - STMicroelectronics LMV321RILT Datasheet HTML 9Page - STMicroelectronics LMV321RILT Datasheet HTML 10Page - STMicroelectronics LMV321RILT Datasheet HTML 11Page - STMicroelectronics LMV321RILT Datasheet HTML 12Page - STMicroelectronics LMV321RILT Datasheet HTML 13Page - STMicroelectronics LMV321RILT Datasheet HTML 14Page - STMicroelectronics LMV321RILT Datasheet HTML 15Page - STMicroelectronics LMV321RILT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
LMV321, LMV358, LMV324
14/16
Doc ID 11887 Rev 4
4
Ordering information
Table 10.
Order codes
Order code
Temperature range
Package
Packaging
Marking
LMV321ILT
-40°C, +125 °C
SOT23-5
Tape & reel
K177
LMV321RILT
K176
LMV321IYLT(1)
SOT23-5
(Automotive grade)
Tape & reel
K180
LMV321RIYLT(2)
K185
LMV358ID
LMV358IDT
SO-8
Tube or
tape & reel
LMV358
LMV358IYD(1)
LMV358IYDT(1)
SO-8
(Automotive grade)
Tube or
tape & reel
LMV358IY
LMV358IPT
TSSOP8
Tape & reel
MV358
LMV358IYPT(2)
TSSOP8
(Automotive grade)
Tape & reel
K181Y
LMV324ID
LMV324IDT
SO-14
Tube or
tape & reel
LMV324
LMV324IYD(1)
LMV324IYDT(1)
SO-14
(Automotive grade)
Tube or
tape & reel
V324Y
LMV324IPT
TSSOP14
Tape & reel
MV324
LMV324IYPT(1)
TSSOP14
(Automotive grade)
Tape & reel
V324IY
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent.
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com