Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7365 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7365 Datasheet HTML 8Page - Diodes Incorporated AP7365 Datasheet HTML 9Page - Diodes Incorporated AP7365 Datasheet HTML 10Page - Diodes Incorporated AP7365 Datasheet HTML 11Page - Diodes Incorporated AP7365 Datasheet HTML 12Page - Diodes Incorporated AP7365 Datasheet HTML 13Page - Diodes Incorporated AP7365 Datasheet HTML 14Page - Diodes Incorporated AP7365 Datasheet HTML 15Page - Diodes Incorporated AP7365 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
12 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Application Note (Continued)
Adjustable Operation
The AP7365 provides output voltage from 0.8V to 5.0V through external resistor divider as shown below.
1uF
IN
GN D
EN
OU T
E nable
AD J
R2
R1
1uF
V IN
V OUT
A P 7365
The output voltage is calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
R
1
R
1
REF
V
OUT
V
Where VREF=0.8V (the internal reference voltage)
Rearranging the equation will give the following that is used for adjusting the output to a particular voltage:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
REF
V
OUT
V
2
R
1
R
To maintain the stability of the internal reference voltage, R2 need to be kept smaller than 80kΩ.
No Load Stability
Other than external resistor divider, no minimum load is required to keep the device stable. The device will remain
stable and regulated in no load condition.
ON/OFF Input Operation
The AP7365 is turned on by setting the EN pin high, and is turned off by pulling it low. If this feature is not used,
the EN pin should be tied to IN pin to keep the regulator output on at all time. To ensure proper operation, the
signal source used to drive the EN pin must be able to swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section under VIL and VIH.
Current Limit Protection
When output current at OUT pin is higher than current limit threshold, the current limit protection will be triggered
and clamp the output current to approximately 1.4A to prevent over-current and to protect the regulator from
damage due to overheating.
Short Circuit Protection
When OUT pin is short-circuit to GND, short circuit protection will be triggered and clamp the output current to
approximately 240mA. This feature protects the regulator from over-current and damage due to overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com