Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7365 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP7365 Datasheet HTML 13Page - Diodes Incorporated AP7365 Datasheet HTML 14Page - Diodes Incorporated AP7365 Datasheet HTML 15Page - Diodes Incorporated AP7365 Datasheet HTML 16Page - Diodes Incorporated AP7365 Datasheet HTML 17Page - Diodes Incorporated AP7365 Datasheet HTML 18Page - Diodes Incorporated AP7365 Datasheet HTML 19Page - Diodes Incorporated AP7365 Datasheet HTML 20Page - Diodes Incorporated AP7365 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
17 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information (Continued)
(4) SOT223-3L
Y W X
6 5-VV
Logo
X : Internal code
( Top View )
A~Z : Green
Part Number
65-VV:08 for 0.8V
10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
20 for 2.0V
25 for 2.5V
28 for 2.8V
30 for 3.0V
33 for 3.3V
39 for 3.9V
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week;
z repersents 52 and 53 week
(5) SOT223R-3L
Y W X
6 5 R -VV
Logo
X : Internal code
( Top View )
A~Z : Green
Part Number
65R-VV : 08 for 0.8V
10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
20 for 2.0V
25 for 2.5V
28 for 2.8V
30 for 3.0V
33 for 3.3V
39 for 3.9V
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week;
z repersents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com