Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9534A Datasheet HTML 6Page - Texas Instruments PCA9534A Datasheet HTML 7Page - Texas Instruments PCA9534A Datasheet HTML 8Page - Texas Instruments PCA9534A Datasheet HTML 9Page - Texas Instruments PCA9534A Datasheet HTML 10Page - Texas Instruments PCA9534A Datasheet HTML 11Page - Texas Instruments PCA9534A Datasheet HTML 12Page - Texas Instruments PCA9534A Datasheet HTML 13Page - Texas Instruments PCA9534A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
A2
0
1
S
1
1
A1 A0 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
ACK From
Slave
S
A2
0
1
1
1
A1 A0
R/W
1 A
Data
A
ACK From
Master
Data
Data from Register
NACK From
Master
NA P
Last Byte
ACK From
Slave
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
A2
0
1
S
1
1
A1 A0 1
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
PCA9534A
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
www.ti.com
Reads
The bus master first must send the PCA9534A address with the least-significant bit set to a logic 0 (see Figure 4
for device address). The command byte is sent after the address and determines which register is accessed.
After a restart, the device address is sent again but, this time, the least-significant bit is set to a logic 1. Data
from the register defined by the command byte then is sent by the PCA9534A (see Figure 8 and Figure 9). After
a restart, the value of the register defined by the command byte matches the register being accessed when the
restart occurred. Data is clocked into the register on the rising edge of the ACK clock pulse. There is no limitation
on the number of data bytes received in one read transmission, but when the final byte is received, the bus
master must not acknowledge the data.
Figure 8. Read From Register
<br/>
A.
This figure assumes that the command byte has previously been programmed with 00h.
B.
Transfer of data can be stopped at any moment by a stop condition.
C.
This figure eliminates the command byte transfer, a restart and slave address call between the initial slave address
call and the actual data transfer from the P Port. See Figure 8 for these details.
Figure 9. Read Input Port Register
10
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com