Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCA9534A Datasheet HTML 20Page - Texas Instruments PCA9534A Datasheet HTML 21Page - Texas Instruments PCA9534A Datasheet HTML 22Page - Texas Instruments PCA9534A Datasheet HTML 23Page - Texas Instruments PCA9534A Datasheet HTML 24Page - Texas Instruments PCA9534A Datasheet HTML 25Page - Texas Instruments PCA9534A Datasheet HTML 26Page - Texas Instruments PCA9534A Datasheet HTML 27Page - Texas Instruments PCA9534A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VIN drops below POR levels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
V
CC
Time
V
CC_GH
V
CC_GW
PCA9534A
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
www.ti.com
Figure 18. VCC is Lowered Below the POR Threshold, Then Ramped Back Up to VCC
Table 10 specifies the performance of the power-on reset feature for PCA9534A for both types of power-on
reset.
Table 10. RECOMMENDED SUPPLY SEQUENCING AND RAMP RATES(1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 17
1
100
ms
VCC_RT
Rise rate
See Figure 17
0.01
100
ms
VCC_TRR_GND
Time to re-ramp (when VCC drops to GND)
See Figure 17
0.001
ms
VCC_TRR_POR50
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV)
See Figure 18
0.001
ms
Level that VCCP can glitch down to, but not cause a functional
VCC_GH
See Figure 19
1.2
V
disruption when VCCX_GW = 1 ms
Glitch width that will not cause a functional disruption when
VCC_GW
See Figure 19
ms
VCCX_GH = 0.5 × VCCx
VPORF
Voltage trip point of POR on falling VCC
0.767
1.144
V
VPORR
Voltage trip point of POR on fising VCC
1.033
1.428
V
(1)
TA = –40°C to 85°C (unless otherwise noted)
Glitches in the power supply can also affect the power-on reset performance of this device. The glitch width
(VCC_GW) and height (VCC_GH) are dependent on each other. The bypass capacitance, source impedance, and
device impedance are factors that affect power-on reset performance. Figure 19 and Table 10 provide more
information on how to measure these specifications.
Figure 19. Glitch Width and Glitch Height
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition is released and all the
registers and the I2C/SMBus state machine are initialized to their default states. The value of VPOR differs based
on the VCC being lowered to or from 0. Figure 20 and Table 10 provide more details on this specification.
24
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com