Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS20K60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPS20K60
Description  IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20K60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPS20K60 Datasheet HTML 7Page - STMicroelectronics STGIPS20K60 Datasheet HTML 8Page - STMicroelectronics STGIPS20K60 Datasheet HTML 9Page - STMicroelectronics STGIPS20K60 Datasheet HTML 10Page - STMicroelectronics STGIPS20K60 Datasheet HTML 11Page - STMicroelectronics STGIPS20K60 Datasheet HTML 12Page - STMicroelectronics STGIPS20K60 Datasheet HTML 13Page - STMicroelectronics STGIPS20K60 Datasheet HTML 14Page - STMicroelectronics STGIPS20K60 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STGIPS20K60
Electrical characteristics
Doc ID 16098 Rev 2
11/19
Figure 5.
Maximum IC(RMS) current vs.
switching frequency (1)
Figure 6.
Maximum IC(RMS) current vs. fSINE
(1)
1.
Simulated curves refer to typical IGBT parameters and maximum Rthj-c.
4
8
12
16
20
048
12
16
IC(RMS)
[A]
fSW [kHz]
TC = 80 °C
TC = 100 °C
VPN = 300 V, modulation index = 0.8
PF = 0.6, TJ = 125 °C, fSINE = 60 Hz
5
6
7
8
9
110
IC(RMS)
[A]
fSINE [Hz]
VPN = 300 V, modulation index = 0.8,
PF = 0.6, TJ = 125 °C, TC = 100 °C
fSW = 16 kHz
fSW = 12 kHz
fSW = 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com