Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS20K60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPS20K60
Description  IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20K60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPS20K60 Datasheet HTML 9Page - STMicroelectronics STGIPS20K60 Datasheet HTML 10Page - STMicroelectronics STGIPS20K60 Datasheet HTML 11Page - STMicroelectronics STGIPS20K60 Datasheet HTML 12Page - STMicroelectronics STGIPS20K60 Datasheet HTML 13Page - STMicroelectronics STGIPS20K60 Datasheet HTML 14Page - STMicroelectronics STGIPS20K60 Datasheet HTML 15Page - STMicroelectronics STGIPS20K60 Datasheet HTML 16Page - STMicroelectronics STGIPS20K60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STGIPS20K60
Smart shutdown function
Doc ID 16098 Rev 2
13/19
4
Smart shutdown function
The STGIPS20K60 integrates a comparator for fault sensing purposes. The comparator
non-inverting input (CIN) can be connected to an external shunt resistor in order to
implement a simple over-current protection function. When the comparator triggers, the
device is set in shutdown state and both its outputs are set to low-level leading the half-
bridge in tri-state. In the common overcurrent protection architectures the comparator output
is usually connected to the shutdown input through a RC network, in order to provide a
mono-stable circuit, which implements a protection time that follows the fault condition.
Our smart shutdown architecture allows to immediately turn-off the output gate driver in
case of overcurrent, the fault signal has a preferential path which directly switches off the
outputs. The time delay between the fault and the outputs turn-off is no more dependent on
the RC values of the external network connected to the shutdown pin. At the same time the
internal logic turns on the open-drain output and holds it on until the shutdown voltage goes
below the logic input lower threshold. Finally the smart shutdown function provides the
possibility to increase the real disable time without increasing the constant time of the
external RC network.
Figure 8.
Smart shutdown timing waveforms
HIN/LIN
HVG/LVG
SD/OD
open drain gate
(internal)
upper
threshold
lower
threshold
comp
Vref
CP+
PROTECTION
Fast shut down:
the driver outputs are set in SD state
immediately after the comparator
triggering even if the SD signal
has not yet reach
the lower input threshold
real disable time
2
1
1
2
= (RON_OD // RSD)
CSD
= RSD CSD
SD/OD
FROM/TO
CONTROLLER
VBIAS
SMART
SD
LOGIC
CSD
RSD
RON_OD
SHUT DOWN CIRCUIT
TIME CONSTANTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com