Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM42TS Datasheet(PDF) 19 Page - Tyco Electronics

Part # IM42TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM42TS Datasheet(HTML) 19 Page - Tyco Electronics

Back Button IM42TS Datasheet HTML 15Page - Tyco Electronics IM42TS Datasheet HTML 16Page - Tyco Electronics IM42TS Datasheet HTML 17Page - Tyco Electronics IM42TS Datasheet HTML 18Page - Tyco Electronics IM42TS Datasheet HTML 19Page - Tyco Electronics IM42TS Datasheet HTML 20Page - Tyco Electronics IM42TS Datasheet HTML 21Page - Tyco Electronics IM42TS Datasheet HTML 22Page - Tyco Electronics IM42TS Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
19 of 28
AXICOM Signal Relays
IM-E Relay 2 Pole Make / 2 Form A / DPST NO
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco
Electroincs
part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
IM-E
SMT Gull Wings non-latching 1 coil
3
2.25
7.20
0.30
140
64
IME01GR
1462043-1
4.5
3.38
10.80
0.45
140
145
IME02GR
1462043-2
5
3.75
12.10
0.50
140
178
IME03GR
1462043-3
12
9.00
28.90
1.20
140
1029
IME06GR
1462043-4
THT non-latching 1 coil
3
2.25
7.20
0.30
140
64
IME01TS
1462043-5
4.5
3.38
10.80
0.45
140
145
IME02TS
1462043-6
5
3.75
12.10
0.50
140
178
IME03TS
1462043-7
12
9.00
28.90
1.20
140
1029
IME06TS
1462043-8
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com