Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM42TS Datasheet(PDF) 3 Page - Tyco Electronics

Part # IM42TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM42TS Datasheet(HTML) 3 Page - Tyco Electronics

  IM42TS Datasheet HTML 1Page - Tyco Electronics IM42TS Datasheet HTML 2Page - Tyco Electronics IM42TS Datasheet HTML 3Page - Tyco Electronics IM42TS Datasheet HTML 4Page - Tyco Electronics IM42TS Datasheet HTML 5Page - Tyco Electronics IM42TS Datasheet HTML 6Page - Tyco Electronics IM42TS Datasheet HTML 7Page - Tyco Electronics IM42TS Datasheet HTML 8Page - Tyco Electronics IM42TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 28
AXICOM Signal Relays
IM Relay
IM Relay
1 and 2 pole telecom/signal relay, polarized
Through Hole Types (THT), standard version with
5.08 mm, narrow with 3.2 mm between the terminal rows
or Surface Mount Type (SMT)
Relay Types:
non – latching with 1 coil
latching with 1 coil
Configurations:
2 pole changeover / DPDT / 2 Form C
IM
2 pole break / DPST NC / 2 Form B
IM-D
2 pole make / DPST NO / 2 Form A
IM-E
1 pole changeover / SPDT / 1 Form C
IM-C
1 pole break / SPST NC / 1 Form B
IM-A
1 pole make / SPST NO / 1 Form A
IM-B
ROHS compliant (Directive 2002/95/EC) as per product
date code 0438 / Halogen free
Features
-
Minimum board-space 60 mm2
-
Slim line 10 x 6 mm, 0.39 x 0.24 inch and
-
Low profile 5.65 mm, 0.222 inch
-
Switching power 60 W / 62.5 VA
-
Switching voltage 220 VDC / 250VAC
-
Switching current 2 / 5 A
-
Bifurcated contacts
-
Low coil power consumption
Latching version
• 100mW
Non latching version
• 140mWstandard
• 100mWhighsensitiveversion
• 50mWultrahighsensitiveversion
-
High dielectric and surge capability (1.2/50 µs and
10/700 µs) meets Telcordia GR1089, FCC Part 68
and ITU-T K20, K21 and K45 requirements
• upto2500Vrmsbetweenopencontacts
• upto3000Vrmsbetweencoilandcontacts
-
Meets 1500 Vrms (high dielectric version) between
open contacts as well as Australian clearance
requirements
-
High mechanical shock resistance up to 300G
functional and 500G survival
Typical Applications
-
Telecommunication
• Accessandtransmissionequipment
• OpticalNetworkTerminals
• Modems
-
Office and business equipment
-
Consumer electronics
-
Measurement and Test equipment
-
Industrial control
-
Medical equipment
-
Automotive applications
Versions
-
High Dielectric Version “C” Type
-
High Current Version “D” Type
-
High Contact Resistance Stability Version “P” Type
Insulation Category
Supplementary insulation according IEC / EN 60950
Working voltage ≤ 300 Vrms
Mains supply voltage ≤ 250 Vrms
Repetitive peak voltage 2500 V
Pollution degree Internal: 1
External: 2
Flammability classification V-0
Maximum operating temperature 85 °C
Meets Australian Requirements between open contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com