Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031ARQZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADM1031
http://onsemi.com
8
during the high period, as a low−to−high transition
when the clock is high can be interpreted as a stop
signal. The number of data bytes that can be
transmitted over the serial bus in a single read or
write operation is limited only by what the master
and slave devices can handle.
3. When all data bytes have been read or written,
stop conditions are established. In write mode, the
master pulls the data line high during the tenth
clock pulse to assert a stop condition. In read
mode, the master device overrides the
acknowledge bit by pulling the data line high
during the low period before the ninth clock pulse.
This is known as No Acknowledge. The master
then takes the data line low during the low period
before the tenth clock pulse, then high during the
tenth clock pulse to assert a stop condition.
Any number of bytes of data can be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation, because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.
In the case of the ADM1031, write operations contain
either one byte or two bytes, and read operations contain one
byte, and perform the functions described next.
Writing Data to a Register
To write data to one of the device data registers or read
data from it, the address pointer register must be set so that
the correct data register is addressed; data can then be
written to that register or read from it. The first byte of a
write operation always contains an address that is stored in
the address pointer register. If data is to be written to the
device, the write operation contains a second data byte that
is written to the register selected by the address pointer
register.
This is illustrated in Figure 15. The device address is sent
over the bus followed by R/W set to 0. This is followed by
two data bytes. The first data byte is the address of the
internal data register to be written to, which is stored in the
address pointer register. The second data byte is the data to
be written to the internal data register.
Reading Data from a Register
When reading data from a register there are two
possibilities:
1. If the ADM1031’s address pointer register value is
unknown or not the desired value, it is first
necessary to set it to the correct value before data
can be read from the desired data register. This is
done by performing a write to the ADM1031 as
before, but only the data byte containing the
register address is sent, as data is not to be written
to the register. This is shown in Figure 16.
A read operation is then performed consisting of
the serial bus address, R/W bit set to 1, followed
by the data byte read from the data register. This is
shown in Figure 17.
2. If the address pointer register is known to be
already at the desired address, data can be read
from the corresponding data register without first
writing to the address pointer register, so Figure 16
can be omitted.
Notes
• Although it is possible to read a data byte from a data
register without first writing to the address pointer
register, if the address pointer register is already at the
correct value, it is not possible to write data to a register
without writing to the address pointer register. This is
because the first data byte of a write is always written
to the address pointer register.
• In Figure 15, Figure 16, and Figure 17, the serial bus
address is shown as the default value 01011(A1)(A0),
where A1 and A0 are set by the three−state ADD pin.
• The ADM1031 also supports the Read Byte protocol, as
described in the system management bus specification.
Figure 15. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
START BY
MASTER
STOP BY
MASTER
ACK. BY
ADM1031
ACK. BY
ADM1031
ACK. BY
ADM1031
0
11
9
9
1
0
1
1
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCL
SDA
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
9
1
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com