Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031ARQZ-R7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADM1031ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 4
1
Publication Order Number:
ADM1031/D
ADM1031
Intelligent Temperature
Monitor and Dual PWM Fan
Controller
The ADM1031 is an ACPI−compliant, three−channel digital
thermometer and under/overtemperature alarm for use in personal
computers and thermal management systems. Optimized for the
PentiumRIII, the part offers a 1
°C higher accuracy, which allows
system designers to safely reduce temperature guard−banding and
increase system performance.
Two PWM fan control outputs control the speed of two cooling fans
by varying output duty cycle. Duty cycle values between 33% and
100% allow smooth control of the fans. The speed of each fan can be
monitored via TACH inputs, which can be reprogrammed as analog
inputs to allow speeds for 2−wire fans to be measured via sense
resistors. The device also detects a stalled fan. A dedicated fan speed
control loop provides control without the intervention of CPU
software. It also ensures that if the CPU or system locks up, each fan
can still be controlled based on temperature measurements, and the fan
speed is adjusted to correct any changes in system temperature. Fan
speed can also be controlled using existing ACPI software.
Two inputs (4 pins) are dedicated to remote temperature−sensing
diodes with an accuracy of
±1°C, and an on−chip temperature sensor
allows ambient temperature to be monitored. The device has a
programmable INT output to indicate error conditions, and a dedicated
FAN_FAULT output to signal fan failure. The THERM pin is a
fail−safe output for overtemperature conditions that can be used to
throttle a CPU clock.
Features
Optimized for Pentium III
Reduced Guard−banding Software
Automatic Fan Speed Control, Independent of CPU
Intervention After Initial Setup
0.125°C Resolution on External Temperature Channels
Control Loop to Minimal Acoustic Noise and Battery
Consumption
Remote Temperature Measurement Accurate to 1°C
Using Remote Diode (Two Channels)
Local Sensor with 0.25°C Resolution
Pulse Width Modulation (PWM) Fan Control for 2 Fans
Programmable PWM Frequency and PWM Duty Cycle
Tach Fan Speed Measurement (Two Channels)
Analog Input to Measure Fan Speed of 2−Wire Fans
(Using Sense Resistor)
2−Wire System Management Bus (SMBus) with ARA
Support
Overtemperature THERM Output Pin for CPU
Throttling
Programmable INT Output Pin
Configurable Offsets for Temperature Channels 3.0 V
to 5.5 V Supply Range
Shutdown Mode to Minimize Power Consumption
Limit Comparison of All Monitored Values
This is a Pb−Free Device
Applications
Notebook PCs, Network Servers, and Personal Computers
Telecommunications Equipment
http://onsemi.com
xxx
= Specific Device Code
#
= Pb−Free Package
YY
= Date Code
WW
= Work Week
See detailed ordering and shipping information in the package
dimensions section on page 29 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
1
1031A
RQZ
#YYWW
QSOP−16
CASE 492
1
2
3
4
5
6
7
8
14
13
12
11
10
9
TACH1/AIN1
PWM_OUT2
TACH2/AIN2
THERM
VCC
GND
PWM_OUT1
INT(SMBALERT)
D1+
FAN_FAULT
D1–
D2–
D2+
SCL
ADM1031
16
15
SDA
ADD
PIN ASSIGNMENT


Similar Part No. - ADM1031ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1031ARQ AD-ADM1031ARQ Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
More results

Similar Description - ADM1031ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com