Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16CP754CIPM Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP754CIPM
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPM Datasheet(HTML) 22 Page - Texas Instruments

Back Button TL16CP754CIPM Datasheet HTML 18Page - Texas Instruments TL16CP754CIPM Datasheet HTML 19Page - Texas Instruments TL16CP754CIPM Datasheet HTML 20Page - Texas Instruments TL16CP754CIPM Datasheet HTML 21Page - Texas Instruments TL16CP754CIPM Datasheet HTML 22Page - Texas Instruments TL16CP754CIPM Datasheet HTML 23Page - Texas Instruments TL16CP754CIPM Datasheet HTML 24Page - Texas Instruments TL16CP754CIPM Datasheet HTML 25Page - Texas Instruments TL16CP754CIPM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS, VCC = 3.3 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1.8 mA
2.4
V
VOL
Low-level output voltage
IOL = 3.2 mA
0.5
V
VCC = 3.6 V,
VSS = 0,
II
Input current
10
mA
VI = 0 to 3.6 V,
All other terminals floating
VCC = 3.6 V,
VSS = 0,
High-impedance state
VO = 0 to 3.6 V,
IOZ
±20
mA
output current
Chip selected in write mode or chip deselect
VCC = 3.6 V,
TA = 0°C,
SIN, DSR, DCD, CTS, and RI at 2 V,
ICC
Supply current
16
mA
All other inputs at 0.8 V,
XTAL1 at 32 MHz,
No load on outputs,
Baud rate = 2 Mbit/s
CI(CLK)
Clock input capacitance
5
7
pF
VCC = 0,
CO(CLK)
Clock output capacitance
5
7
pF
VSS = 0,
f = 1 MHz,
TA = 25°C,
CI
Input capacitance
6
10
pF
All other terminals grounded
CO
Output capacitance
10
15
pF
ELECTRICAL CHARACTERISTICS, VCC = 5 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA
4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
VCC = 5.5 V,
VSS = 0,
II
Input current
10
mA
VI = 0 to 5.5 V,
All other terminals floating
VCC = 5.5 V,
VSS = 0,
High-impedance state
VO = 0 to 5.5 V,
IOZ
±20
mA
output current
Chip selected in write mode or chip deselect
VCC = 5.5 V,
TA = 0°C,
SIN, DSR, DCD, CTS, and RI at 2 V,
ICC
Supply current
40
mA
All other inputs at 0.8 V,
XTAL1 at 48 MHz,
No load on outputs,
Baud rate = 3 Mbit/s
CI(CLK)
Clock input capacitance
5
7
pF
VCC = 0,
CO(CLK)
Clock output capacitance
5
7
pF
VSS = 0,
f = 1 MHz,
TA = 25°C,
CI
Input capacitance
6
10
pF
All other terminals grounded
CO
Output capacitance
10
15
pF
22
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com