Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC26C562 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC26C562
Description  CMOS dual universal serial communications controller (CDUSCC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C562 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC26C562 Datasheet HTML 9Page - NXP Semiconductors SC26C562 Datasheet HTML 10Page - NXP Semiconductors SC26C562 Datasheet HTML 11Page - NXP Semiconductors SC26C562 Datasheet HTML 12Page - NXP Semiconductors SC26C562 Datasheet HTML 13Page - NXP Semiconductors SC26C562 Datasheet HTML 14Page - NXP Semiconductors SC26C562 Datasheet HTML 15Page - NXP Semiconductors SC26C562 Datasheet HTML 16Page - NXP Semiconductors SC26C562 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Philips Semiconductors
Product data sheet
SC26C562
CMOS dual universal serial communications controller
(CDUSCC)
2006 Aug 10
13
AC ELECTRICAL CHARACTERISTICS (Continued)
1 BIT TIME
(1 OR 16 CLOCKS)
tCILTXV
tCOLTXV
TxC
(INPUT)
TxD
TxC
(1X OUTPUT)
tCILTXV
tCOLTXV
TxC
(INPUT)
TxD
TxC
(1X OUTPUT)
tCILTXV
tCOLTXV
a. Transmit Timing NRZ
b. Transmit Timing FM0/1, Manchester Encoding
SD00244
Figure 10.
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
tCILTXV
TxC input LOW (1X) to TxD output
–
120
ns
tCILTXV
TxC input LOW (16X) to TxD output
–
120
ns
tCOLTXV*
TxC output LOW to TxD output9 (NRZ, NRZI)
–
20
ns
tCOLTXV
FM, MAN
–
30
ns
*Characterized with no loads on TxD and TxC outputs. Tester load is approximately 50 pF.
tRCHSOL
tSILRCH
tRCHSIH
tRXVRCH
tRCHRXI
SYNOUTN
SYNIN
RXC (1X)
INPUT
RxD
tRXVRCH
RXC
(INPUT)
RxD
tRCHRXI
tRCHRXI
tRXVRCH
a. Receive Timing NRZ
b. Receive Timing FM0/1, Manchester Encoding
SD00245
Figure 11.
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
tRXVRCH
RxD data valid to RxC HIGH:
For NRZ data
20
–
ns
For NRZI, Manchester, FM0, FM1 data
30
–
ns
tRCHRXI
RxC HIGH to RxD data invalid:
For NRZ data
20
–
ns
For NRZI, Manchester, FM0, FM1 data
30
–
ns
tSILRCH
SYNIN LOW to RxC HIGH
50
–
ns
tRCHSIH
RxC HIGH to SYNIN HIGH
20
–
ns
tRCHSOL
RxC HIGH to SYNOUT LOW
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com