Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC26C562 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC26C562
Description  CMOS dual universal serial communications controller (CDUSCC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C562 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC26C562 Datasheet HTML 1Page - NXP Semiconductors SC26C562 Datasheet HTML 2Page - NXP Semiconductors SC26C562 Datasheet HTML 3Page - NXP Semiconductors SC26C562 Datasheet HTML 4Page - NXP Semiconductors SC26C562 Datasheet HTML 5Page - NXP Semiconductors SC26C562 Datasheet HTML 6Page - NXP Semiconductors SC26C562 Datasheet HTML 7Page - NXP Semiconductors SC26C562 Datasheet HTML 8Page - NXP Semiconductors SC26C562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Philips Semiconductors
Product data sheet
SC26C562
CMOS dual universal serial communications controller
(CDUSCC)
2
2006 Aug 10
DESCRIPTION
The Philips Semiconductors SC26C562 Dual Universal Serial
Communications Controller (CDUSCC) is a single-chip CMOS-LSI
communications device that provides two independent,
multi-protocol, full-duplex receiver/transmitter channels in a single
package. It supports bit-oriented and character-oriented (byte count
and byte control) synchronous data link controls as well as
asynchronous protocols. The SC26C562 interfaces to synchronous
bus MPUs and is capable of program-polled, interrupt driven,
block-move or DMA data transfers.
The SC26C562 (CDUSCC) is (PIN) hardware and (REGISTER)
software compatible with the existing SCN26562 (DUSCC).
CDUSCC will automatically configure to the NMOS DUSCC register
map (default mode) on power-up.
The operating mode and data format of each channel can be
programmed independently. Each channel consists of a receiver, a
transmitter, a 16-bit multifunction counter/timer, a digital
phase-locked loop (DPLL), a parity/CRC generator and checker, and
associated control circuits. The two channels share a common bit
rate generator (BRG), operating directly from a crystal or an external
clock, which provides sixteen common bit rates simultaneously. The
operating rate for the receiver and transmitter of each channel can
be independently selected from the BRG, the DPLL, the
counter/timer, or from an external 1X or 16X clock, making the
CDUSCC well-suited for dual-speed channel applications. Data
rates up to 10 Mbit/s are supported.
The transmitter and receiver each contain a sixteen-deep FIFO with
appended transmitter command and receiver status bits and a shift
register. This permits reading and writing of up to sixteen characters
at a time, minimizing the potential of receiver overrun or transmitter
underrun, and reducing interrupt or DMA overhead. In addition, a
flow control capability is provided to disable a remote transmitter
when the FIFO of the local receiving device is full.
Two modem control inputs (DCD and CTS) and three modem
control outputs (RTS and two general purpose) are provided.
Because the modem control inputs and outputs are general purpose
in nature, they can be optionally programmed for other functions.
The SC26C562 CDUSCC is optimized to interface with processors
using a synchronous bus interface, such as the 8086, and iAPX86
family. For systems using an asynchronous bus, such as the 68000
and 68010, refer to the SC68C562 documentation.
Refer to the CMOS Dual Universal Serial Communication Controller
(CDUSCC) User’s Manual for a complete operational description.
FEATURES
General Features
• Dual full-duplex synchronous/ asynchronous receiver and
transmitter
• Multi-protocol operation
– BOP: HDLC/ADCCP, SDLC, SDLC loop, X.25 or X.75 link level,
etc.
– COP: Single SYNC, dual SYNC, BiSYNC, DDCMP
– ASYNC: 5-8 bits plus optional parity
• Sixteen character receive and transmit FIFOs with interrupt
threshold control
• FIFO’ed status bits
• Watchdog timer
• 0 to 10 Mbit/s data rate
• Programmable bit rate for each receiver and transmitter selectable
from:
– 19 fixed rates: 50 to 64 kbaud
– One user-defined rate derived from programmable
counter/timer
– External 1X or 16X clock
– Digital phase-locked loop
• Parity and FCS (frame check sequence LRC or CRC) generation
and checking
• Programmable data encoding/decoding: NRZ, NRZI, FM0, FM1,
Manchester
• Programmable channel mode: full- or half-duplex, auto-echo, or
local loopback
• Programmable data transfer mode: polled, interrupt, DMA, wait
• DMA interface
– Compatible with Synchronous and Asynchronous bus DMA
controllers
– Half- or full-duplex operation
– Single or dual address data transfers
– Automatic frame termination on counter/ timer terminal count or
DMA DONE (EOPN)
• Transmit path clear status
• High speed data bus interface: 160 ns bus cycle
• DPLL operation up to 312.5 kHz with internal clock
• Interrupt capabilities
– Vector output (fixed or modified by status)
– Individual interrupt enable bits
– Programmable internal priorities
– Maskable interrupt conditions
– 80XX/X compatible
• Multi-function programmable 16-bit counter/timer
– Bit rate generator
– Event counter
– Count received or transmitted characters
– Delay generator
– Automatic bit length measurement
• Modem controls
– RTS, CTS, DCD, and up to four general purpose I/O pins per
channel
– CTS and DCD programmable auto-enables for Tx and Rx
– Programmable interrupt on change of CTS or DCD
• On-chip oscillator for crystal
• TTL compatible
• Single +5 V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com