Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5EC3EARCH-RM/D Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 21Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 23Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
20
CHAPTER 1: FUNCTIONAL DESCRIPTION
C3EN
• Dedicated Fabric Processor and port
• Embedded RISC Executive Processor
• Integrated 32bit 33/66MHz PCI bus interface
Block Diagram
The C-3eTM NP, has an architecture specifically designed for networking applications. The
following sections describe each component of the C-3e NP.
The main components of the C-3e NP are:
• Channel Processors
• Executive Processor
• Fabric Processor
• Buffer Management Unit
• Table Lookup Unit
• Queue Management Unit
The C-3e NP conforms with both SONET and SDH. Therefore, OC-3(STS-3/STM-1), and
OC-12 (STS-12/STM-4).
Figure 1 shows a block diagram of the C-3e NP, including its potential external interfaces.
For more information about the architecture of the C-3e NP, see the C-5e/C-3e Network
Processor Architecture Guide (part number C5EC3EARCH-RM/D).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com