Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5EC3EARCH-RM/D Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 21Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 23Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 25Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
22
CHAPTER 1: FUNCTIONAL DESCRIPTION
C3EN
Channel Processors
The C-3e NP contains eight programmable external Channel Processors (CPs) that receive,
process, and transmit network data, plus an additional eight internal CPs that process
data. Typically one CP is assigned to each port for medium bandwidth applications (Fast
Ethernet to OC-3). Multiple CPs can be assigned to a port in a configuration called channel
aggregation in high bandwidth applications (greater than OC-3). Multiple logical ports
can be assigned to a single CP, with the addition of an external multiplexor, for low
bandwidth applications, such as DS1 to DS3.
The C-3e NP’s architecture supports a variety of industry-standard serial and parallel
protocols and individual port data rates including:
• 10/100Mb Ethernet (RMII)
• 1Gb Ethernet (GMII and TBI)
• OC-3c
• OC-12
• 100Mbit FibreChannel
• DS1/DS3, supported through the use of external framers/multiplexors
The C-3e NP’s programmability can also support a variety of special interfaces, such as
various xDSL encapsulations and proprietary protocols.
Key components of each CP are a RISC Core (CPRC) that orchestrates cell/packet
processing and a set of microprogrammable, special-purpose processors, called Serial
Data Processors (SDPs), that provide features such as Ethernet MAC and SONET/SDH
framing, multichannel HDLC, and ATM cell delineation. This means you usually only need
to include PHYs to complete the system.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com