Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
Power Consumption Considerations
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
4-3
•
Consider all device loads as well as parasitic capacitance due to PCB traces when you calculate
capacitance. This is especially critical in systems with higher capacitive loads that could create higher
transient currents in the VCC and GND circuits.
•
All inputs must be terminated (that is, not allowed to float) by CMOS levels except for the three pins with
internal pull-up resistors (TRST, TMS, DE).
•
Take special care to minimize noise levels on the VCCP, GNDP, and GNDP1 pins.
•
The following pins must be asserted after power-up: RESET and TRST.
•
If multiple DSP devices are on the same board, check for cross-talk or excessive spikes on the supplies due
to synchronous operation of the devices.
•
RESET
must be asserted when the chip is powered up. A stable EXTAL signal should be supplied before
deassertion of RESET.
•
At power-up, ensure that the voltage difference between the 5 V tolerant pins and the chip VCC never
exceeds 3.5 V.
4.3 Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors affecting current consumption
are described in this section. Most of the current consumed by CMOS devices is alternating current (ac), which is
charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by this formula:
Equation 3:
Where:
C
=
node/pin capacitance
V
=
voltage swing
f
=
frequency of node/pin toggle
Equation 4:
The maximum internal current (ICCImax) value reflects the typical possible switching of the internal buses on best-
case operation conditions—not necessarily a real application case. The typical internal current (ICCItyp) value
reflects the average switching of the internal buses on typical operating conditions.
Perform the following steps for applications that require very low current consumption:
1.
Set the EBD bit when you are not accessing external memory.
2.
Minimize external memory accesses, and use internal memory accesses.
3.
Minimize the number of pins that are switching.
4.
Minimize the capacitive load on the pins.
5.
Connect the unused inputs to pull-up or pull-down resistors.
Example 4-1. Current Consumption
For a Port A address pin loaded with 50 pF capacitance, operating at 3.3 V, with a 66 MHz clock, toggling at its maximum possible rate (33
MHz), the current consumption is expressed in Equation 4.
IC
V
f
×
×
=
I
50
10
12
–
×
3.3
×
33
×
10
6
×
5.48 mA
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com