Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05C5 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 68HC05C5
Description  SPECIFICATION (General Release)
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05C5 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 68HC05C5 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Page 1
Section 1: Introduction
MC68HC05C5 Specification Rev. 1.2
SECTION 1
INTRODUCTION
1.1
GENERAL
The MC68HC05C5 is a 40-pin device based on the MC68HC05P7. The memory map
includes 5184 bytes of user ROM, 176 bytes of RAM, and 128 bytes of EEPROM. The
MCU has four 8-bit I/O ports: A, B, C and D. Port C has high sink current capability. The
MC68HC05C5 includes a simple Serial I/O Peripheral (SIOP), 16-bit Timer, and an on-
chip Computer Operating Properly (COP) watchdog circuit.
1.2
FEATURES
•
HC05 Core
•
40-pin DIP or 44-pin plastic-leaded chip carrier (PLCC) package
•
On-Chip Oscillator with resistor capacitor (RC) or Crystal/Ceramic
Resonator Mask Options
•
5184 Bytes of User ROM
•
176 Bytes of On-Chip RAM
•
128 Bytes of EEPROM
•
EEPROM Low Voltage Program Inhibit (LVPI)
•
Hardware EEPROM Program Enable
•
16-Bit Timer
•
COP Watchdog Timer Mask Option
•
32 Bidirectional I/O Lines
•
Single-Chip Mode
•
Self-Check Mode
•
Power-Saving STOP and WAIT Modes
•
Edge-Sensitive or Edge and Level-Sensitive Interrupt Trigger Mask
Option
•
Simple Serial Input/Output Port
•
10 mA Sink Capability on One 8-Bit Port
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com