Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT660 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT660
Description  100 mA CMOS Charge Pump Inverter/Doubler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT660 Datasheet HTML 7Page - ON Semiconductor CAT660 Datasheet HTML 8Page - ON Semiconductor CAT660 Datasheet HTML 9Page - ON Semiconductor CAT660 Datasheet HTML 10Page - ON Semiconductor CAT660 Datasheet HTML 11Page - ON Semiconductor CAT660 Datasheet HTML 12Page - ON Semiconductor CAT660 Datasheet HTML 13Page - ON Semiconductor CAT660 Datasheet HTML 14Page - ON Semiconductor CAT660 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT660
http://onsemi.com
11
Precision Voltage Divider
A precision voltage divider is shown in Figure 20. With very light load currents under 100 nA, the voltage at pin 2 will be
within 0.002% of V+/2. Output voltage accuracy decreases with increasing load.
Figure 20. Precision Voltage Divider (Load 3 100 nA)
+
+
BOOST/FC
V+
OSC
LV
OUT
CAT660
C2
150 mF
C1
150 mF
1
2
3
4
CAP+
CAP−
GND
8
7
6
5
3 V to 11 V
V+
IL ≤ 100 nA
± 0.002%
V)
2
Battery Voltage Splitter
Positive and negative voltages that track each other can be obtained from a battery. Figure 21 shows how a 9 V battery can
provide symmetrical positive and negative voltages equal to one−half the battery voltage.
Figure 21. Battery Splitter
+
CAT660
+
BOOST/FC
V+
OSC
LV
OUT
9 V
BATTERY
VBAT
C1
150 mF
3 V ≤ VBAT ≤ 11 V
1
CAP+
CAP−
GND
2
3
4
8
7
6
5
C2
150 mF
*
VBAT
2
(−4.5 V)
)
VBAT
2
(4.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com