Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT660 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT660
Description  100 mA CMOS Charge Pump Inverter/Doubler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT660 Datasheet HTML 1Page - ON Semiconductor CAT660 Datasheet HTML 2Page - ON Semiconductor CAT660 Datasheet HTML 3Page - ON Semiconductor CAT660 Datasheet HTML 4Page - ON Semiconductor CAT660 Datasheet HTML 5Page - ON Semiconductor CAT660 Datasheet HTML 6Page - ON Semiconductor CAT660 Datasheet HTML 7Page - ON Semiconductor CAT660 Datasheet HTML 8Page - ON Semiconductor CAT660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT660
http://onsemi.com
2
Typical Application
Figure 1. Voltage Inverter
V+
OSC
LV
OUT
CAT660
+
+
V+
OSC
LV
OUT
C1
C1
CAT660
1 mF to
150 mF
CAP+
GND
CAP−
BOOST/FC
1
2
3
4
8
7
6
5
C2
1 mF to
150 mF
+VIN
1.5 V to 5.5 V
Inverted
Negative
Voltage
Output
8
7
6
5
CAP+
GND
CAP−
BOOST/FC
1
2
3
4
1 mF to
150 mF
VIN = 2.5 V
to 5.5 V
1 mF to
150 mF
C2
Doubled
Positive
Voltage
Output
Figure 2. Positive Voltage Doubler
Table 1. PIN DESCRIPTIONS
Circuit Configuration
Pin Number
Name
Inverter Mode
Doubler Mode
1
Boost/FC
Frequency Control for the internal oscillator. With an external
oscillator BOOST/FC has no effect.
Same as inverter.
Boost/FC
Oscillator Frequency
Open
10 kHz typical, 5 kHz minimum
V+
80 kHz typical, 40 kHz minimum
2
CAP+
Charge pump capacitor. Positive terminal.
Same as inverter.
3
GND
Power supply ground.
Power supply. Positive voltage input.
4
CAP−
Charge pump capacitor. Negative terminal.
Same as inverter.
5
OUT
Output for negative voltage.
Power supply ground.
6
LV
Low−Voltage selection pin. When the input voltage is less
than 3 V, connect LV to GND. For input voltages above 3 V,
LV may be connected to GND or left open. If OSC is driven
externally, connect LV to GND.
LV must be tied to OUT for all input
voltages.
7
OSC
Oscillator control input. An external capacitor can be connec-
ted to lower the oscillator frequency. An external oscillator
can drive OSC and set the chip operating frequency. The
charge−pump frequency is one−half the frequency at OSC.
Same as inverter. Do not overdrive OSC
in doubling mode. Standard logic levels
will not be suitable. See the applications
section for additional information.
8
V+
Power supply. Positive voltage input.
Positive voltage output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com