Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3606 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3606 Datasheet HTML 3Page - ON Semiconductor CAT3606 Datasheet HTML 4Page - ON Semiconductor CAT3606 Datasheet HTML 5Page - ON Semiconductor CAT3606 Datasheet HTML 6Page - ON Semiconductor CAT3606 Datasheet HTML 7Page - ON Semiconductor CAT3606 Datasheet HTML 8Page - ON Semiconductor CAT3606 Datasheet HTML 9Page - ON Semiconductor CAT3606 Datasheet HTML 10Page - ON Semiconductor CAT3606 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT3606
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, EN = VIN, ENM = ENS = GND, CIN = COUT = 1 mF, TAMB = 25°C, unless otherwise specified.)
Figure 21. Foldback Current Limiting
OUTPUT CURRENT (mA)
500
400
300
200
100
0
0
1
2
3
4
5
1x Mode
Figure 22. RSET Pin Voltage vs. Temperature
−50
−25
0
25
50
75
100
125
1.16
1.18
1.20
1.22
1.24
Figure 23. PWM Dimming at 1 kHz on ENM and ENS
50mA/div
Current
Tot. LED
1V/div
VOUT
ENM & ENS
5V/div
200 msec/div
TEMPERATURE (°C)
Recommended Layout
When the driver is in the 1.5x charge pump mode, the
1 MHz switching frequency operation requires to minimize
trace length and impedance to ground on all 4 capacitors. A
ground plane should cover the area on the bottom side of the
PCB opposite to the IC and the bypass capacitors.
Capacitors Cin and Cout require short connection to ground
which can be done with multiple vias as shown on Figure 24.
A square copper area matches the QFN16 exposed pad
(GND) and must be connected to the ground plane
underneath. The use of multiple via will improve the heat
dissipation.
Figure 24. PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com