Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3606 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3606 Datasheet HTML 1Page - ON Semiconductor CAT3606 Datasheet HTML 2Page - ON Semiconductor CAT3606 Datasheet HTML 3Page - ON Semiconductor CAT3606 Datasheet HTML 4Page - ON Semiconductor CAT3606 Datasheet HTML 5Page - ON Semiconductor CAT3606 Datasheet HTML 6Page - ON Semiconductor CAT3606 Datasheet HTML 7Page - ON Semiconductor CAT3606 Datasheet HTML 8Page - ON Semiconductor CAT3606 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 3
1
Publication Order Number:
CAT3606/D
CAT3606
6-Channel Low Noise
Charge Pump White LED
Driver
Description
The CAT3606 controls up to four LEDs for the main display and
two LEDs for the sub-display in cellular phones. The device is capable
of operating in either 1x (LDO) mode or 1.5x charge pump mode. All
LED pin currents are regulated and tightly matched to achieve
uniformity of brightness across the LCD backlight. An external
resistor (RSET) sets the nominal output current.
The device can deliver as much as 20 mA per channel during low
voltage operation (3 V), and 30 mA per channel during nominal
operation (3.3 V). A constant high-frequency switching scheme
(1 MHz) provides low noise and allows the use of very small value
ceramic capacitors.
A “zero” quiescent current mode can be achieved via the chip enable
pin EN. The Main and Sub LEDs each have their own dedicated
ON/OFF control pins ENM, ENS. Dimming can be achieved using
either a DC voltage to control the RSET pin current, or by applying a
PWM signal on the ENM and ENS pins.
The device is available in a 16−pad TQFN package with a max
height of 0.8 mm.
Features
• Drives up to 4 Main LEDs and 2 Sub LEDs
• Separate Control for Main and Sub LEDs
• Compatible with Supply Voltage of 3 V to 5.5 V
• Power Efficiency up to 90%
• Output Current up to 30 mA per LED
• High−frequency Operation at 1 MHz
• 2 Modes of Operation 1x and 1.5x
• White LED Detect Circuitry on All Channels
• Shutdown Current less than 1 mA
• Small Ceramic Capacitors
• Soft Start and Current Limiting
• Short Circuit Protection
• 16−pad TQFN Package, 0.8 mm Max Height
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• Cell Phone Main and Sub−display Backlight
• Navigation
• PDAs
• Digital Cameras
http://onsemi.com
TQFN−16
HV4 SUFFIX
CASE 510AE
PIN CONNECTIONS (Note 1)
G366
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
CAT3606HV4−T2
TQFN−16
(Note 2)
2,000/
Tape & Reel
G366 = CAT3606HV4−T2
CDBB = CAT3606HV4−GT2
1. The “exposed pad” under the package must be
connected to the ground plane on the PCB.
2. Matte−Tin Plated Finish (RoHS−compliant).
3. NiPdAu Plated Finish (RoHS−compliant).
LED1
C2+
C2−
C1−
LED6
EN
ENM
ENS
1
(4 x 4 mm) (Top View)
CDBB
CAT3606HV4−GT2
TQFN−16
(Note 3)
GND


Similar Part No. - CAT3606

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
CAT3606 CATALYST-CAT3606 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
367Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
CAT3606HS4 CATALYST-CAT3606HS4 Datasheet
598Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
CAT3606HV4 CATALYST-CAT3606HV4 Datasheet
598Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
More results

Similar Description - CAT3606

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
6-Channel High Efficiency Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
6-Channel PWM Dimming Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com