Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID/DT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH81ID/DT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID/DT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH81ID/DT Datasheet HTML 7Page - STMicroelectronics TSH81ID/DT Datasheet HTML 8Page - STMicroelectronics TSH81ID/DT Datasheet HTML 9Page - STMicroelectronics TSH81ID/DT Datasheet HTML 10Page - STMicroelectronics TSH81ID/DT Datasheet HTML 11Page - STMicroelectronics TSH81ID/DT Datasheet HTML 12Page - STMicroelectronics TSH81ID/DT Datasheet HTML 13Page - STMicroelectronics TSH81ID/DT Datasheet HTML 14Page - STMicroelectronics TSH81ID/DT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Electrical characteristics
Doc ID 9413 Rev 5
11/27
Figure 7.
Small signal measurement - rise
time
Figure 8.
Small signal measurement - fall
time
010
2 0
304050
60
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Vin
Vout
Time (ns)
Gain = +2, VCC =±2.5V, RL = 150 Ω, Vin = 400 mVpk
010
20
30405060
Time (ns)
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Vin
Vout
Gain = +2, VCC =±2.5V, RL = 150 Ω, Vin = 400 mVpk
Figure 9.
Channel separation (crosstalk) vs.
frequency
Figure 10.
Channel separation (crosstalk) vs.
frequency
Measurement configuration: crosstalk = 20 log(V0/V1)
100
Ω 1kΩ
100
Ω 1kΩ
+
-
49.9
Ω
VO
150
Ω
+
-
49.9
Ω
V1
150
Ω
VIN
+
-
Gain = +11, VCC = ±2.5 V, ZL =150 Ω//27 pF
1E+4
1E+5
1E+6
1E+7
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
3/1output
4/1output
2/1output
Figure 11.
Equivalent input noise voltage
Figure 12.
Maximum output swing
0 .1
1
10
10 0
1000
Frequency (kHz)
5
10
15
20
25
3 0
_
+
100
10k
Gain = +100, VCC = ±2.5 V, no load
0.0E+0
5.0E -2
1.0E-1
1.5E- 1
2.0 E-1
Time (ms)
-3
-2
-1
0
1
2
3
Vout
Vin
Gain = +11, VCC =±2.5V, RL =150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com