Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID/DT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH81ID/DT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID/DT Datasheet(HTML) 3 Page - STMicroelectronics

  TSH81ID/DT Datasheet HTML 1Page - STMicroelectronics TSH81ID/DT Datasheet HTML 2Page - STMicroelectronics TSH81ID/DT Datasheet HTML 3Page - STMicroelectronics TSH81ID/DT Datasheet HTML 4Page - STMicroelectronics TSH81ID/DT Datasheet HTML 5Page - STMicroelectronics TSH81ID/DT Datasheet HTML 6Page - STMicroelectronics TSH81ID/DT Datasheet HTML 7Page - STMicroelectronics TSH81ID/DT Datasheet HTML 8Page - STMicroelectronics TSH81ID/DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Absolute maximum ratings and operating conditions
Doc ID 9413 Rev 5
3/27
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
14
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting terminal.
±2V
Vi
Input voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3 V.
±6V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO8
TSSOP8
TSSOP14
4.
Short-circuits can cause excessive heating.
80
28
37
32
°C/W
Rthja
Thermal resistance junction to ambient area
SOT23-5
SO8
TSSOP8
TSSOP14
250
157
130
110
°C/W
ESD
HBM: human body model(5)
MM: machine model(6)
CDM: charged device model(7)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
7.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
2
0.2
1
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 12
V
VIC
Common mode input voltage range
VCC
- to (V
CC
+ -1.1)
V
Standby (pin 8)
Threshold on pin 8 for TSH81
(VCC
-) to (V
CC
+)V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com