Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1235 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CM1235
Description  Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1235 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CM1235 Datasheet HTML 6Page - ON Semiconductor CM1235 Datasheet HTML 7Page - ON Semiconductor CM1235 Datasheet HTML 8Page - ON Semiconductor CM1235 Datasheet HTML 9Page - ON Semiconductor CM1235 Datasheet HTML 10Page - ON Semiconductor CM1235 Datasheet HTML 11Page - ON Semiconductor CM1235 Datasheet HTML 12Page - ON Semiconductor CM1235 Datasheet HTML 13Page - ON Semiconductor CM1235 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CM1235
Rev. 3 | Page 13 of 14 | www.onsemi.com
Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1235
4.00 X 1.70 X 0.75
4.30 X 1.90 X 1.20
12mm
178mm (7")
3000
4mm
4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com