Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1235 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1235
Description  Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1235 Datasheet(HTML) 3 Page - ON Semiconductor

  CM1235 Datasheet HTML 1Page - ON Semiconductor CM1235 Datasheet HTML 2Page - ON Semiconductor CM1235 Datasheet HTML 3Page - ON Semiconductor CM1235 Datasheet HTML 4Page - ON Semiconductor CM1235 Datasheet HTML 5Page - ON Semiconductor CM1235 Datasheet HTML 6Page - ON Semiconductor CM1235 Datasheet HTML 7Page - ON Semiconductor CM1235 Datasheet HTML 8Page - ON Semiconductor CM1235 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CM1235
Rev. 3 | Page 3 of 14 | www.onsemi.com
In the CM1235 PicoGuard XS architecture, the signal line leading the connector to the ASIC routes through the
CM1235 chip which provides 100Ω matched differential channel characteristic impedance that helps optimize
100Ω load impedance applications such as the HDMI high speed data lines.
Note:When each of the channels are used individually for single-ended signal lines protection, the individual
channel provides 50Ω characteristic impedance matching.
The load impedance matching feature of the CM1235 helps to simplify system designer’s PCB layout
considerations in impedance matching and also eliminates associated passive components.
The route through the PicoGuard XS architecture enables the CM1235 to provide matched impedance for the
signal path between the connector and the ASIC. Besides this function, this circuit arrangement also changes the
way the parasitic inductance interacts with the ESD protection circuit and helps reduce the I
RESIDUAL current to the
ASIC.
Figure 1. Standard ESD Protection Device Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com