Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705RC17 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC705RC17
Description  Genneral Release Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705RC17 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC705RC17 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Interrupts
Reset Interrupt Sequence
MC68HC705RC17 — Rev. 2.0
General Release Specification
Interrupts
The M68HC05 CPU does not support interruptible instructions. The
maximum latency to the first instruction of the interrupt service routine
must include the longest instruction execution time plus stacking
overhead.
Latency = (Longest instruction execution time + 10) x tcyc seconds
An return from interrupt (RTI) instruction is used to signify when the
interrupt software service routine is completed. The RTI instruction
causes the register contents to be recovered from the stack and normal
processing to resume at the next instruction that was to be executed
when the interrupt took place. Figure 4-1 shows the sequence of events
that occurs during interrupt processing.
4.4 Reset Interrupt Sequence
The reset function is not in the strictest sense an interrupt; however, it is
acted upon in a similar manner as shown in Figure 4-1. A low-level input
on the RESET pin or an internally generated RST signal causes the
program to vector to its starting address, which is specified by the
contents of memory locations $3FFE and $3FFF. The I bit in the
condition code register is also set. The MCU is configured to a known
state during this type of reset.
4.5 Software Interrupt (SWI)
The SWI is an executable instruction and a nonmaskable interrupt since
it is executed regardless of the state of the I bit in the CCR. If the I bit is
zero (interrupts enabled), the SWI instruction executes after interrupts
that were pending before the SWI was fetched or before interrupts
generated after the SWI was fetched. The interrupt service routine
address is specified by the contents of memory locations $3FFC and
$3FFD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com