Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705RC17 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 68HC705RC17
Description  Genneral Release Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705RC17 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 68HC705RC17 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Parallel Input/Output (I/O)
General Release Specification
MC68HC705RC17 — Rev. 2.0
Parallel Input/Output (I/O)
7.3 Port A
Port A is an 8-bit bidirectional port which does not share any of its pins
with other subsystems. The port A data register is at $0000 and the data
direction register (DDR) is at $0004. Reset does not affect the data
register, but clears the data direction register, thereby returning the ports
to inputs. Writing a 1 to a DDR bit sets the corresponding port bit to
output mode.
7.4 Port B
Port B is an 8-bit bidirectional port which does not share any of its pins
with other subsystems. The address of the port B data register is $0001
and the data direction register (DDR) is at address $0005. Reset does
not affect the data register, but clears the data direction register, thereby
returning the ports to inputs. Writing a 1 to a DDR bit sets the
corresponding port bit to output mode. Each of the port B pins has a
mask programmable pullup device that can be enabled. When the pullup
device is enabled, this pin will also become an interrupt pin. The edge or
edge and level sensitivity of the IRQ pin will also pertain to the enabled
port B pins. Care needs to be taken when using port B pins that have the
pullup enabled. Before switching from an output to an input, the data
should be preconditioned to a logic 1 or the I bit should be set in the
condition code register to prevent an interrupt from occurring.
NOTE:
When a port B pin is configured as an output, its corresponding keyscan
interrupt is disabled, regardless of its mask option.
Figure 7-1. Port B Pullup Option
PB7
VDD
VDD
DDR BIT
NORMAL PORT CIRCUITRY
AS SHOWN IN FIGURE 7-2
IRQ
TO INTERRUPT
LOGIC
MASK OPTION (PB7PU)
DISABLED
ENABLED
FROM ALL OTHER PORT B PINS
IRQEN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com