Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 976 page
background image
Nexus Protocol
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
135
11.2
Nexus Protocol
For a complete description of the Nexus protocol, please refer to the IEEE Nexus specification.
11.3
Nexus Implementation
Nexus 3 was chosen over Nexus 2 because of the additional requirement for Data Trace capabilities. The
Nexus module, part of a standard supported by Freescale, has the following advantages.
xxxx 1xxx
Nexus Watchpoint 2
xxx1 xxxx
Nexus Watchpoint 3
xx1x xxxx
Nexus Watchpoint 4
x1xx xxxx
Nexus Watchpoint 5
1xxx xxxx
Nexus Watchpoint 6
Table 11-4. Resource Code Encoding (TCODE = 27)
Resource Code
Description
0000
Program Trace Instruction Counter Overflow
0001
Branch / Predicate Instruction History Buffer
0010–1111
Reserved for future functionality
Table 11-5. Event Code Encoding (TCODE = 33)
Event Code
Description
0000
Entry into Debug Mode
0001
Entry into Low Power Mode (CPU only)
0010–0011
Reserved for future functionality
0100
Program Trace Disable
0101–1111
Reserved for future functionality
Table 11-6. Data Trace Size (DSZ) Encodings (TCODE = 5, 6, 13, 14)
DTM Size
Encoding
Transfer Size
000
8-bit
001
16-bit
010
32-bit
011–111
Reserved
Table 11-3. Watchpoint Source Encoding (TCODE = 15) (Continued)
Watchpoint Code
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com