Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 976 page
background image
Nexus External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
139
11.5
Nexus External Pins
The external pin interface is flexible. The minimum number of pins necessary is 4 pins for a basic Program
Trace implementation, or a maximum of 13 for a full Program + Data Trace implementation. All pins total
must be made available on either a Primary or Secondary Nexus Port
11.5.1
MDO - Message Data (Output)
These pins provide the packet data for the trace messages. The Nexus module can be programmed to use
a minimum number of MDO pins (2) or a maximum number of MDO pins (8). Following are the minimum
requirements for the number of MDO pins:
•
Program Trace only (Class 2): 2 MDO pins. As a benchmark, the EEMBC suite of automotive
benchmarks was run on a M*CORE Nexus3 module using the 2-pin MDO option (only turning on
Program Trace), at 100MHz without buffer overflow.
•
Program and Data Trace (Class 3): 8 MDO pins
11.5.2
MSEO - Message Start/End (Active low output)
These pins indicate to the development tool when each packet within a message begins and ends. The
Nexus module supports two of these pins for higher throughput (bandwidth), but only one is necessary for
IEEE compliance. For a Program and Data Trace only module running @ 80MHz, only 1 MSEO pin is
necessary.
11.5.3
EVTI - Event In (Active low input)
This required pin is multi-faceted. Initially, it is used to enable Nexus (sampled during a Debug Reset). It
is also programmable to create a “synchronization” type message (giving the full address if the tool is lost),
or initiate a debug request to the ARM core.
11.5.4
EVTO - Event Out (Active low output)
This optional pin can be used by the development tool to trigger on certain events. EVTO can be
programmed to assert based on the occurrence of a watchpoint (defined within the ARM CPU), or upon
the entry into Debug Mode.
Table 11-11. Nexus External Pins
Signal
Description
MDO[7:0]
8-bit Message Data Out (2 required, 6 optional)
MSEO
Message Start/End Out
EVTI
Event In
EVTO
Event Out
MCKO
Message Clock Out
RDY
Ready (Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com