Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 219 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 976 page
background image
Nexus Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
141
Control Register (PCR) in the Nexus (0 = 1-pin, 1 = 2-pin). On the MAC72xx, a single MSEO pin is
available. Therefore, the software must not set this bit in the PCR register.
11.8.2
Programming the PCR Register
In order to match the hardware implementation of the Nexus3p on the MAC72xx, the following PCR
register bits must always be programmed as indicated:
11.8.3
Resetting Nexus
Resetting the Nexus3p is done as described in the Nexus Block Guide, by taking the JTAG TAP State
Machine into the Test-Logic-Reset state. There is no minimum required time that this state has to be held.
Please also refer to Chapter 6, “Resets” for information on resetting Nexus.
11.8.4
Enabling Nexus
In order to enable Nexus, you must perform one of the following methods:
Method #1
1. At reset, drive the PF1 pin high to enable a Nexus port
2. At reset, drive the PF0 pin low or high to select which Nexus port to use
3. Drive the JTAG TAP State Machine into the Test-Logic-Reset state
4. Drive the EVTI pin low (asserted)
5. Drive the JTAG TAP State Machine out of the Test-Logic-Reset state (into the Run-Test/Idle state
for instance)
Method #2
1. At reset, drive the PF1 pin high to enable a Nexus port
2. At reset, drive the PF0 pin low or high to select which Nexus port to use
3. Load the NEXUS_ACCESS instruction into the JTAG TAP State Machine
Once the Nexus module has been enabled, it will remain enabled until entry into the JTAG
Test-Logic-Reset state or a Power On Reset is performed.
11.8.5
Disabling Nexus
In order to disable Nexus, you must perform the following:
1. At reset, drive the PF1 pin low to disable Nexus ports. The value driven on PF0 does not matter in
this case.
2. If a Power On Reset has been performed, and the Nexus was not enabled, then no further action is
necessary.
PCR[31:30]
11
PCR[25]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com