Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 222 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 222 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
144
Freescale Semiconductor
11.9.3
Pin Protocol
The protocol for the ARM7 processor transmitting messages via the auxiliary pins shall be accomplished
with the MSEO pin(s) function (outlined in Table 11-15).
MSEO is used to signal the end of variable-length packets, and not fixed length packets. MSEO is sampled
on the rising edge of the message clock (MCKO).
TCK
I
The Test Clock (TCK) input pin is used to synchronize the test logic, and control register
access through the JTAG port.
TRST
I
The optional Test Reset (TRST) input pin is used to asynchronously initialize the JTAG
controller. The TRST pin has an internal pull-up resistor.
Table 11-14. A7S Nexus3 Auxiliary Pins
Auxiliary Pins
Input/
Output
Description of Auxiliary Pins
MCKO
O
Message Clock Out (MCKO) is a Nexus generated output clock to development tools for
timing of MDO & MSEO pin functions. MCKO is programmable through the DC Register.
MDO[N:0]
O
Message Data Out (MDO[N:0]) are output pins used for OTM and BTM. External latching of
MDO shall occur on rising edge of the Nexus3 message clock (MCKO).
MSEO[1:0]
O
Message Start/End Out (MSEO) are output pins which indicate when a message on the
MDO pins has started, when a variable length packet has ended, and when the message
has ended. External latching of MSEO shall occur on rising edge of the Nexus3 clock
(MCKO). One or two pin MSEO functionality is determined at integration time.
RDY
O
Ready (RDY) is an output pin used to indicate to the external tool that the Nexus block is
ready for the next Read/Write Access. If Nexus is enabled, this signal is asserted upon
successful (without error) completion of an AHB transfer (Nexus read or write) & is held
asserted until the JTAG state machine reaches the “Capture_DR” state. Upon exit from
system reset or if Nexus is disabled, RDY remains de-asserted.
EVTO
O
Event Out (EVTO) is an output which, when asserted, indicates one of two events has
occurred based on the EOC bits in the DC Register. EVTO is held asserted for one (1) cycle
of MCKO:
1) one of four watchpoints has occurred & EOC = 2'b00
2) debug mode was entered (DBGACK from ARM7) & EOC = 2'b01
EVTI
I
Event In (EVTI) is an input which, when asserted, will initiate one of two events based on
the EIC bits in the DC Register (if the Nexus module is enabled at reset; see
Section 11.1.3.3, “Disabled”):
1) Program Trace synchronization messages (provided Program Trace is enabled & EIC =
2'b00).
2) Debug request (EDBGRQ) to ARM7 EmbeddedICE module (provided EIC = 2'b01 and
this feature is implemented).
Table 11-13. JTAG Pins for A7S Nexus3 (Continued)
JTAG Pins
Input/
Output
Description of JTAG Pins (included in ARM7 CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com