Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 224 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 224 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
146
Freescale Semiconductor
NOTE
The “End Message” state may also indicate the end of a variable-length
packet as well as the end of the message when using the two-pin option.
11.9.4
Rules for Output Messages
ARM7 based Class 3 compliant embedded processors must provide messages via the auxiliary port in a
consistent manner as described below:
•
A variable-sized packet within a message must end on a port boundary.
•
Whenever a variable-length packet is sized such that it does not end on a port boundary, it is
necessary to extend and zero fill the remaining bits after the highest-order bit so that it can end on
a port boundary.
For example, if the MDO port is 2 bits wide, and the unique portion of an indirect branch address
is 5 bits, then the remaining 1 bit of MDO must be packed with a 0.
•
A variable-sized packet may start within a port boundary only when following a fixed length
packet. (If two variable-sized packets end and start on the same clock, it is impossible to know
which bits are from the last packet and which bits are from the next packet.
11.9.5
Examples
The following are examples of Program Trace Messages.
Idle
Normal
Transfer
End
Message
MSEO=11
MSEO=11
MSEO=00
MSEO=00
MSEO=01
MS
EO
=0
1
MSEO=00
MSEO=00
MSEO=00
MSEO=11
MDO: Invalid
MSEO=01
End
Packet
MS
EO
=11
MSEO=11
MSEO=10
Start
Message
MSEO=01
MSEO=01
MSEO=10
MSEO=10
Figure 11-3. Two Pin MSEO Transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com