Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 231Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
150
Freescale Semiconductor
11.10.2 Nexus3 Register Map
Table 11-21. A7S Nexus3 Register Map
Nexus Register
Nexus
Access
Opcode
Read/
Write
Read
Address
Write
Address
Client Select Control (CSC) (see Note below)
0x1
R
0x02
—
Development Control (DC)
0x2
R/W
0x04
0x05
Development Status (DS)
0x4
R
0x08
—
User Base Address (UBA)
0x6
R/W
0x0C
0x0D
Read/Write Access Control/Status (RWCS)
0x7
R/W
0x0E
0x0F
Read/Write Access Address (RWA)
0x9
R/W
0x12
0x13
Read/Write Access Data (RWD)
0xA
R/W
0x14
0x15
Watchpoint Trigger (WT)
0xB
R/W
0x16
0x17
Data Trace Control (DTC)
0xD
R/W
0x1A
0x1B
Data Trace Start Address1 (DTSA1)
0xE
R/W
0x1C
0x1D
Data Trace Start Address2 (DTSA2)
0xF
R/W
0x1E
0x1F
Data Trace End Address1 (DTEA1)
0x12
R/W
0x24
0x25
Data Trace End Address2 (DTEA2)
0x13
R/W
0x26
0x27
Break/Watchpoint Control 1 (BWC1)
0x16
R/W
0x2C
0x2D
Break/Watchpoint Control 2 (BWC2)
0x17
R/W
0x2E
0x2F
Break/Watchpoint Control 3 (BWC3)
0x18
R/W
0x30
0x31
Break/Watchpoint Control 4 (BWC4)
0x19
R/W
0x32
0x33
Break/Watchpoint Control 5 (BWC5)
0x1A
R/W
0x34
0x35
Break/Watchpoint Control 6 (BWC6)
0x1B
R/W
0x36
0x37
Break/Watchpoint Address 1 (BWA1)
0x1E
R/W
0x3C
0x3D
Break/Watchpoint Address 2 (BWA2)
0x1F
R/W
0x3E
0x3F
Break/Watchpoint Address 3 (BWA3)
0x20
R/W
0x40
0x41
Break/Watchpoint Address 4 (BWA4)
0x21
R/W
0x42
0x43
Break/Watchpoint Address 5 (BWA5)
0x22
R/W
0x44
0x45
Break/Watchpoint Address 6 (BWA6)
0x23
R/W
0x46
0x47
Break/Watchpoint Data 1 (BWD1)
0x26
R/W
0x4C
0x4D
Break/Watchpoint Data 2 (BWD2)
0x27
R/W
0x4E
0x4F
Break/Watchpoint Address Mask 1 (BWAM1)
0x42
R/W
0x84
0x85
Break/Watchpoint Address Mask 2 (BWAM2)
0x43
R/W
0x86
0x87
Break/Watchpoint Data Mask 1 (BWDM1)
0x44
R/W
0x88
0x89
Break/Watchpoint Data Mask 2 (BWDM2)
0x45
R/W
0x8A
0x8B
Port Configuration Register (PCR)
0x7F
R/W
0xFE
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com