Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 230 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 230 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 231Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 232Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 233Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
152
Freescale Semiconductor
11.10.3.3 Development Status (DS)
The Development Status Register is used to report system debug status. When Debug Mode is entered or
exited or an SoC or ARM7 defined Low Power Mode is entered (see Note below), a Debug Status Message
is transmitted with DS[31:24]. The external tool can read this register at any time.
Table 11-23. DC Field Descriptions
Field
Description
31–29
Reserved for future functionality (read as 0)
28–27
EOC
EVTO Control
00 EVTO upon occurrence of Watchpoint
01 EVTO upon entry into Debug Mode (DBGACK)
1X Reserved
26
Reserved for future functionality (read as 0)
25
PTM
Program Trace Method (Thumb mode only)
0 Program Trace in Thumb mode uses Branch History Messages
1 Program Trace in Thumb mode uses traditional Branch Messages
24
WEN
Watchpoint Trace Enable
0 Watchpoint Messaging disabled
1 Watchpoint Messaging enabled
23–8
Reserved for future functionality (read as 0)
7–5
OVC
Overrun Control
000 Generate overrun messages
001 Reserved
010 Reserved
011 Delay processor for trace message overruns (FIFOFULL)
1xx Reserved
4–3
EIC
EVTI Control
00 EVTI for synchronization (Program Trace)
01 EVTI for Debug request (if implemented)
10 EVTI disabled
11 Reserved
2–0
TM
Trace Mode
000 No Trace
1xx Program Trace enabled
x1x Data Trace enabled
xx1 Ownership Trace enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com