Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 232 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 231Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 232Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 233Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 234Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 235Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
154
Freescale Semiconductor
Ownership Trace Register (OTR). The operating system writes the ID for the current task/process in the
OTR. The UBA is read and written to by the external development tool.
NOTE
It is recommended that the UBA only be modified while system reset is
asserted or in debug mode. Caution should be taken when modifying the
UBA when system reset is negated.
11.10.3.5 Read/Write Access Control/Status (RWCS)
The Read Write Access Control/Status Register provides control for Read/Write Access. Read/Write
access provides DMA-like access to Advanced High-performance Bus (AHB) memory mapped resources
when the processor is halted or during runtime. The RWCS Register also provides Read/Write Access
Status information per Table 11-26.
Offset see Table 11-21
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
OWNERSHIP TRACE REGISTER ADDRESS
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
R
OWNERSHIP TRACE REGISTER ADDRESS
W
Reset
000
00
000
00
000
00
0
Figure 11-8. User Base Address Register (UBA)
Offset see Table 11-21
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
AC
RW
SZ
MAP
PR
000
00
0
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
R
CNT
ERR
DV
W
Reset
000
00
000
00
000
00
0
Figure 11-9. Read/Write Access Control Register (RWCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com