Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 231 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 231Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 232Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 233Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 234Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
153
NOTE
System low power mode bits (LPS) functionality is determined at the
platform or SoC integration level. Any entry into a system-level low power
mode (LPS != 3'b000) will trigger a Debug Status Message sending the DS
register value to the external tool. These bits are recommended for non-CPU
related power-down modes. It is the tool’s responsibility to decode the
specific type of low power mode based on the encodings for the specific
SoC.
The CPU Low Power Mode bits (LPC) must be tied to the logic which
indicates that the ARM7 processor is in a powered-down state. The CPU
low power state may be independent of the SoC defined low power mode(s)
determined by the LPS bits.
11.10.3.4 User Base Address (UBA)
For ARM7 processors, Ownership Trace Messaging is implemented using the Nexus defined User Base
Address Register. The User Base Address Register defines the memory mapped base address for the
Offset see Table 11-21
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
DBG
LPS
LPC
00
00
000
00
0
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
R
000
00
000
00
000
00
0
W
Reset
000
00
000
00
000
00
0
Figure 11-7. Development Status Register (DS)
Table 11-24. DS Field Descriptions
Field
Description
31
DBG
ARM7 CPU Debug Mode Status
0 CPU not in Debug Mode
1 CPU in Debug Mode (DBGACK asserted)
30–28
LPS
ARM7 System Low Power Mode Status
000 Normal (Run) mode
nnn System Low Power Status (SoC level)
27–26
LPC
ARM7 CPU Low Power Mode Status
00 Normal (Run) mode
01 CPU in powered-down state
1x Reserved
25–0
Reserved for future functionality (read as 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com