Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 233 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 233 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 231Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 232Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 233Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 234Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 235Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 236Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
155
11.10.3.6 Read/Write Access Data (RWD)
The Read/Write Access Data Register provides the data to/from AHB memory mapped locations when
initiating a read or a write access.
Table 11-25. RWCS Field Descriptions
Field
Description
31
AC
Access Control
0 End access
1 Start access
30
RW
Read/Write Select
0 Read access
1 Write access
29–27
SZ
Word Size
000 8-bit (byte)
001 16-bit (halfword)
010 32-bit (word)
011–111Reserved (default to word)
26–24
MAP
Map Select
000 Primary memory map
001–111Reserved
23–22
PR
Read/Write Access Priority
00 Lowest access priority
01 Reserved (default to lowest priority)
10 Reserved (default to lowest priority)
11 Highest access priority
21–16
Reserved for future functionality
15–2
CNT
Access Control Count
hhhh Number of accesses of word size SZ
1
ERR
Read/Write Access Error (see Table 11-26)
0
DV
Read/Write Access Data Valid (see Table 11-26)
Table 11-26. Read/Write Access Status Bit Encoding
Read Action
Write Action
ERR
DV
Read Access has not completed
Write Access completed without error
0
0
Read Access error has occurred
Write Access error has occurred
1
0
Read Access completed without error
Write Access has not completed
0
1
Not Allowed
Not allowed
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com