Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 225 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 225 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
147
Table 11-16 illustrates an example Indirect Branch Message (traditional, Thumb mode) with 2 MDO /
1MSEO configuration. Table 11-17 illustrates the same example with the 8 MDO / 2 MSEO
configuration.
Note that T0 and S0 are the least significant bits where:
•
Tx = TCODE number (fixed)
•
Sx = Source processor (fixed)
•
Ix = Number of instructions (variable)
•
Ax = Unique portion of the address (variable)
Note that during clock 13, the MDO pins are ignored in the single MSEO case.
Table 11-16. Indirect Branch Message Example (2 MDO / 1 MSEO)
Clock
MDO[1:0]
MSEO
State
0
X
X
1
Idle (or end of last message)
1
T1
T0
0
Start Message
2
T3
T2
0
Normal Transfer
3
T5
T4
0
Normal Transfer
4
S1
S0
0
Normal Transfer
5
S3
S2
0
Normal Transfer
6
I1
I0
0
Normal Transfer
7
I3
I2
0
Normal Transfer
8
I5
I4
0
End Packet
9
A1
A0
0
Normal Transfer
10
A3
A2
0
Normal Transfer
11
A5
A4
0
Normal Transfer
12
A7
A6
1
End Packet
13
0
0
1
End Message
14
T1
T0
0
Start Message
Table 11-17. Indirect Branch Message Example (8 MDO / 2 MSEO)
Clock
MDO[7:0]
MSEO[1:0]
State
0
X
X
X
X
X
X
X
X
1
1
Idle (or end of last message)
1
S1
S0
T5
T4
T3
T2
T1
T0
0
0
Start Message
2
I5
I4
I3
I2
I1
I0
S3
S2
0
1
End Packet
3
A7
A6
A5
A4
A3
A2
A1
A0
1
1
End Packet/End Message
4
S1
S0
T5
T4
T3
T2
T1
T0
0
0
Start Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com