Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 976 page
background image
Nexus Bus Aborts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
140
Freescale Semiconductor
11.5.5
RDY - DMA Ready (Active low output)
This pin indicates to the development tool that a DMA access has completed successfully.
11.5.6
MCKO - Message Clock (Output)
This pin provides the clock reference for all Nexus inputs and outputs.
11.6
Nexus Bus Aborts
The Nexus is not capable of producing any bus aborts. Any Nexus bus accesses that generate aborts are
treated as if the accesses were initiated by the ARM7 core.
11.7
Nexus Differences from MAC71xx
•
Changed from Nexus2p to Nexus3p (Includes data trace)
•
Added four “address match only” breakpoints (pending approval)
•
Added two data watchpoints
•
Changed from two MDO pins to eight MDO pins
•
Number of MSEO pins is no longer hard-coded in the design, but now selectable with the MSC bit
in the Nexus PCR register
11.8
Nexus Application Usage
11.8.1
Nexus Configuration
Enabling and selection of the Nexus port is via the value of the Port F0/F1 pins at Reset (See Table 11-12).
On some packages, only one Nexus Port may be available. Once a Nexus Port is enabled and selected, the
Nexus itself must still be enabled. Please refer to the Nexus 3 Block Guide or the Nexus web site
www.ieee-isto.org/Nexus5001 for more information.
On the MAC71xx family, the number of MSEO pins selected was done via an input port on the Nexus
module (ext_mseo_sel) (0 = 1-pin, 1 = 2-pin). For all MAC71xx devices, this was tied to 0, denoting a
single MSEO pin was available. On the MAC72xx, this selection is done via the MSC bit in the Port
Table 11-12. Nexus Configuration
PF0
PF1
Description
0
0
Nexus Ports are disabled
(Ports are used for "normal" functionality)
0
1
Nexus Primary Port is enabled
1
0
Nexus Ports are disabled
(Ports are used for "normal" functionality)
1
1
Nexus Secondary Port is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com