Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 240 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 240 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 236Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 237Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 238Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 239Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 240Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 241Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 242Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 243Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
162
Freescale Semiconductor
11.10.3.15 Breakpoint / Watchpoint Address Mask (BWAM1, BWAM2)
The Breakpoint / Watchpoint Address Mask Registers allow the user to mask ARM bus addresses for
internal watchpoint units 1 and 2 on a bit-wise granularity.
11.10.3.16 Breakpoint / Watchpoint Data (BWD1, BWD2)
The Breakpoint / Watchpoint Data Registers are compared with ARM bus values for internal watchpoint
units 1 and 2.
11.10.3.17 Breakpoint / Watchpoint Data Mask (BWDM1, BWDM2)
The Breakpoint / Watchpoint Data Mask Registers allow the user to mask ARM bus data values on a
byte-wise granularity for internal watchpoint units 1 and 2.
Offset see Table 11-21
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
BREAKPOINT / WATCHPOINT ADDRESS MASK
W
Reset
111
11
111
11
111
11
1
15
14
13
12
11
10
9
876
54
321
0
R
BREAKPOINT / WATCHPOINT ADDRESS MASK
W
Reset
111
11
111
11
111
11
1
Figure 11-19. Breakpoint / Watchpoint Address Mask Registers (BWAM1, BWAM2)
Table 11-32. BWAM Field Description
Field
Description
31–0
Breakpoint / Watchpoint Address Mask Enable
0 Corresponding BWA bit is masked when generating internal watchpoints
1 Corresponding BWA bit is not masked when generating internal watchpoints
Offset see Table 11-21
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
BREAKPOINT / WATCHPOINT DATA
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
R
BREAKPOINT / WATCHPOINT DATA
W
Reset
000
00
000
00
000
00
0
Figure 11-20. Breakpoint / Watchpoint Data Registers (BWD1, BWD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com