Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 243 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 243 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 239Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 240Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 241Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 242Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 243Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 244Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 245Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 246Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
165
NOTE
It is recommended to use IR[3:0] = 0x8 for “NEXUS-ACCESS”
Once the JTAG “NEXUS-ACCESS” instruction has been loaded, the JTAG port allows tool/target
communications with all Nexus registers according to the map in Table 11-21.
Reading/writing of a Nexus register then requires two (2) passes through the Data-Scan (DR) path of the
JTAG state machine (see 11.12, “IEEE 1149.1 State Machine and RD/WR Sequences”).
1. The first pass through the DR selects the Nexus register to be accessed by providing an index (see
Table 11-21), and the direction (read/write). This is achieved by loading an 8-bit value into the
JTAG Data Register (DR). This register has the following format:
0x7
NO
HIGHZ (ARM720T)
0x8
YES
recommended for NEXUS-ACCESS
0x9
NO
CLAMPZ (ARM720T)
0xA
YES
not publicly implemented
0xB
YES
not publicly implemented
0xC
NO
INTEST (ARM7TDMI-S)
0xD
YES
not publicly implemented
0xE
NO
IDCODE (ARM7TDMI-S)
0xF
NO
BYPASS (ARM7TDMI-S)
Access: User read/write
76
54
321
0
R
NRI
R/W
W
Reset
000
00
000
Figure 11-23. JTAG DR for Nexus Register Access
Table 11-36. JTAG DR Field Description for Nexus Register Access
Field
Description
7–1
NRI
Nexus Register Index
xx
Selected from values in Table 11-21
0
R/W
Read/Write (R/W)
0Read
1Write
Table 11-35. ARM7 JTAG Instructions (Continued)
IR[3:0]
Usable for NEXUS-ACCESS?
JTAG Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com