| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc |
|
245 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 167 Message will be queued. The error encoding will indicate which type(s) of messages attempted to be queued while the FIFO was being emptied. If only an OTM Message attempts to enter the queue while it is being emptied, the Error Message will incorporate the OTM only error encoding (00000). If both OTM AND either BTM or DTM messages attempt to enter the queue, the Error Message will incorporate the OTM and Program Trace error encoding (00111). If a Watchpoint also attempts to be queued while the FIFO is being emptied, then the Error Message will incorporate error encoding (01000). NOTE The OVC bits within the DC Register can be set to delay the CPU by asserting the FIFOFULL signal in order to alleviate (but not eliminate) potential overruns. Error information is messaged out in the following format (see Table 11-2). 11.11.1.3 OTM Flow Ownership Trace Messages are generated when the operating system writes to the memory mapped Ownership Trace Register. The following flow describes the OTM process. 1. For the A7S Nexus3 module, the OTR register is a memory mapped register, whose address is located in the UBA. The UBA is internal to the Nexus module and can be accessed by the IEEE-ISTO 5001 tool through the JTAG port. 2. Only word writes to the OTR are valid. The data value written into the OTR is registered and formed into the Ownership Trace Message that is queued to be transmitted. 3. OTR reads do not cause Ownership Trace Messages to be transmitted by the A7S Nexus3 module. 11.11.2 Program Trace This section details the program trace mechanisms supported by Nexus 3 for the ARM7 processor. Program trace is implemented via Branch Trace Messaging (BTM) as per the Class 2 IEEE-ISTO 5001 standard definition. 11.11.2.1 Branch Trace Messaging (BTM) Traditional Branch Trace Messaging (Thumb mode only) facilitates program trace by providing the following types of information: (5 bits) (4 bits) (6 bits) ERROR (00000 / 00111 / 01000) SRC TCODE (001000) Fixed length = 15 bits Figure 11-25. Error Message Format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |