Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 248 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 244Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 245Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 246Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 247Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 248Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 249Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
170
Freescale Semiconductor
11.11.2.2.2
Indirect Branch Messages (Traditional)
If DC[25] is set in Thumb mode, indirect branch information is messaged out in the following format:
11.11.2.2.3
Direct Branch Messages (Traditional)
Direct branches (conditional or unconditional) are all taken branches whose destination is fixed in the
instruction opcode. If DC[25] is set while in Thumb mode, direct branch information is messaged out in
the following format:
NOTE
When DC[25] is cleared in Thumb mode or the ARM7 processor is in full
32-bit ARM mode, Direct Branch Messages will not be transmitted. Instead,
each direct branch or predicated instruction will toggle a bit in the history
buffer.
11.11.2.2.4
Resource Full Messages
The Resource Full Message is used in conjunction with the Branch History Messages. The Resource Full
Message is generated when the internal branch/predicate history buffer is full. If synchronization is needed
at the time this message is generated, the synchronization is delayed until the next Branch Trace Message
that is not a Resource Full Message.
The current value of the history buffer is transmitted as part of the Resource Full Message. This
information can be concatenated by the tool with the branch/predicate history information from
subsequent messages to obtain the complete branch history for a message. The history value is reset by
this message, and the I-CNT value is reset as a result of a bit being added to the history buffer.
(1–32 bits)
(1–8 bits)
(4 bits)
(6 bits)
U-ADDR
I-CNT
SRC
TCODE (000100)
Max length = 50 bits; Min length = 12 bits
Figure 11-27. Indirect Branch Message (Traditional) Format
(1–8 bits)
(4 bits)
(6 bits)
I-CNT
SRC
TCODE (000100)
Max length = 18 bits; Min length = 11 bits
Figure 11-28. Direct Branch Message Format
(1–32 bits)
(4 bits)
(4 bits)
(6 bits)
HIST
RCODE
(0001)
SRC
TCODE (011011)
Max length = 46 bits; Min length = 15 bits
Figure 11-29. Resource Full Message Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com